PART |
Description |
Maker |
LINK002M LINK001C LINK003M LINK001M LINK003C LINK0 |
up-link remote indication fuse holder
|
Littelfuse
|
170M1562D 170M1563D 170M1561D 170M1560D 170M1564D |
HIGH SPEED Dual Indication Fuse-Links Square Body DIN 43620 - 690V (IEC/UL), Size 000 to 00, 10 to 315 Amps HIGH SPEED Dual Indication Fuse-Links Square Body DIN 43620 - 690V (IEC/UL), Size 000 to 00, 10 to 315 Amps
|
Cooper Bussmann, Inc.
|
250NHG1B-690 250NHG2B-690 63NHG000B-690 63NHG00B-6 |
NH DIN Dual Indication Fuse Links
|
Cooper Bussmann, Inc.
|
SR-5-1.25A-BK COOPERINDUSTRIES-SR-5-1.25A-AP SR-5- |
FUSE 1.25A 250V T-LAG IEC SHORT TIME DELAY BLOW ELECTRIC FUSE, 1.25A, 250VAC, 35A (IR), THROUGH HOLE FUSE 1.6A 250V T-LAG IEC SHORT PC Board Fuse; Current Rating:1A; Voltage Rating:250V; Fuse Terminals:Radial Lead; Fuse Size/Group:Subminiature; Fuse Type:Time Delay; Interrupting Current Max:35A; Leaded Process Compatible:Yes; Packaging:Ammo Pack FUSE 1A 250V T-LAG IEC SHORT Subminiature Fuses
|
Cooper Bussmann, Inc. COOPER INDUSTRIES List of Unclassifed Man...
|
1991499 PM7367 PM7367-PI |
32 link, 32 Channel Data Link Manager with PCI Interface FRAME ENGINE AND DATA LINK MANAGER From old datasheet system 32 link 32 Channel Data Link Manager with PCI Interface
|
PMC[PMC-Sierra, Inc] PMC[PMC-Sierra Inc]
|
3414.0114.11 3414.0124.22 |
SUPER FAST BLOW ELECTRIC FUSE, 0.75A, 32VDC, 35A (IR), SURFACE MOUNT FUSE, SMD, USF0402, 5A; Current, fuse rating:5A; Case style:0402; Approval Bodies:CCC; Approval category:UL Recognised; Current, breaking capacity DC:35A; Depth, external:0.4mm; Device marking:T; Flammability rating:UL94V-1; Fuse RoHS Compliant: Yes
|
SCHURTER INC
|
3402.0044.XX 3402.0019.XX 3402.0014.XX 3402.0043.X |
FUSE OMF 63V 2.5A FAST BLOW ELECTRIC FUSE, 2.5A, 63VAC, 63VDC, 50A (IR), SURFACE MOUNT Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 63 VAC, 63 VDC
|
SCHURTER AG Schurter Inc.
|
KLM-1 |
Cartridge Fuse; Fuse Type:Fast Acting; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Series:KLM RoHS Compliant: No FAST BLOW ELECTRIC FUSE, 1A, 500VAC, 500VDC, 10000A (IR), INLINE/HOLDER
|
Cooper Bussmann, Inc.
|
ADE7769 ADE7769AR |
Energy Metering IC with Integrated Oscillator and No-Load Indication
|
Analog Devices, Inc.
|
STD4 STD2 |
:Glass; Diameter:4.7mm; Fuse Size/Group:5 x 15 mm; Leaded Process Compatible:Yes RoHS Compliant: Yes ELECTRIC FUSE, 2A, 240VAC, 33000A (IR), INLINE/HOLDER Leaded Cartridge Fuse; Current Rating:2.5A; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Time Delay; Voltage Rating:250V; Body Material:Glass; Diameter:4.7mm; Fuse Size/Group:5 x 15 mm; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
COOPER INDUSTRIES
|
AT83C23OK203-SIRIM AT83C23OK203-SISIM AT83C23OK203 |
CardManSmart@Link SPECIALTY MICROPROCESSOR CIRCUIT, PQFP32 CardManSmart@Link SPECIALTY MICROPROCESSOR CIRCUIT, QCC32 CardManSmart@Link SPECIALTY MICROPROCESSOR CIRCUIT, QCC28 CardMan??Smart@Link
|
Atmel Corp. Atmel, Corp.
|
3404.0044.XX 3404.0019.XX 3404.0014.XX 3404.0043.X |
FAST BLOW ELECTRIC FUSE, 6.3A, 125VAC, 125VDC, 100A (IR), SURFACE MOUNT FUSE, SMD, 125V, 8A; Current, fuse rating:8A; Voltage rating, AC:125V; Fuse type, blowing characteristic:Quick Acting F RoHS Compliant: Yes FAST BLOW ELECTRIC FUSE, 8A, 125VAC, 125VDC, 100A (IR), SURFACE MOUNT Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 125 VAC, 125 VDC
|
SCHURTER AG Schurter Inc.
|
|